Part Number Hot Search : 
MAE13021 PIC18F2 L9227 80006 IR3088A 2SA1602A ULQ2819A 00800
Product Description
Full Text Search
 

To Download LMA110B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filtronic
Solid State
Features
* * * * * * * * * * 3.5dB Typical Noise Figure 12.5dB Typical Gain 12dBm Saturated Output Power 12dB Input/Output Return Loss Typical 0.5-6GHz Frequency Bandwidth +8 Volts Single Bias Supply DC Decoupled RF Input and Output Chip Size : 1.62mmX1.62mm (.064"X.064") Chip Thickness : 100m 2 Pad Dimension : 100m
.5-8GHz MESFET Amplifier
LMA110B
Description
The Filtronic LMA110B is a GaAs monolithic distributive amplifier which operates from 0.5 to 8 GHz. This amplifier produces a typical gain of 12.5dB with a noise figure of 3.5dB. The LMA110B is suitable for wide-band low noise gain block, EW and commercial PCN applications. DC decoupled input and output RF port. Ground is provided to the circuitry through vias to the backside metallization.
Electrical Specifications at Ta=25C
(VDD=+8.0V, Zin=Zout=50) Symbol BW S21 Ids S21 NF RLin RLout S12 P-1dB Parameter Operating Bandwidth Small Signal Gain Drain Operating Current Small Signal Gain Flatness Noise Figure Input Return Loss Output Return Loss Reverse Isolation 1-dB Gain Compression Power Test Conditions VD=8V, Vg1=Vg2=8V Min. 0.5 11 60 Limit Typ. 12.5 85 1 3.5 -10 -10 -30 10 Max. 8 110 1.5 4.5 -8 -8 Units GHz dB mA dB dB dB dB dB dBm
@ 50% Idss
8
Absolute Maximum Ratings
Symbol Vdd Idd Pin Pt Tch Tstg Tmax. Parameter/Conditions Drain Supply Voltage Total Drain Current RF Input Power Power Dissipation Operating Channel Temperature Storage Temperature Max. Assembly Temp. (1 min. max.) Min. Max. 13 110 24 1.5 150 165 300 Units Volts mA dBm W C C C
-65
Notes :
1. This GaAs MMIC is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when handling these devices. 2. Specifications subject to change without notice.
DSS 005 WD
Phone: (408) 988-1845
Internet: http://www.FiltronicSolidState.com
Fax: (408) 970-9950
Filtronic
Solid State
Assembly Diagram
SIMPLE BIAS SCHEME
.5-8GHz MESFET Amplifier
LMA110B
Notes: 1.) Recommended lead bond technique is thermocompression wedge bonding with 0.001" (25m) diameter wire. The bond tool force shall be 35-38 gram. Bonding stage temperature shall be 230-240C, heated tool (150-160C) is recommended. Ultrasonic bonding is not recommended. 2.) The recommended die attach is Ablebond silver epoxy, the stabilize bake temperature is set at 150C for 45 minutes. 3.) Bond on bond or stitch bond acceptable. 4.) Conductor over conductor acceptable. Conductors must not short.
DSS 005 WD
Phone: (408) 988-1845
Internet: http://www.FiltronicSolidState.com
Fax: (408) 970-9950
Filtronic
Solid State
Assembly Diagram
OPTIMUM BIAS SCHEME
.5-8GHz MESFET Amplifier
LMA110B
Notes: 1.) Recommended lead bond technique is thermocompression wedge bonding with 0.001" (25m) diameter wire. The bond tool force shall be 35-38 gram. Bonding stage temperature shall be 230-240C, heated tool (150-160C) is recommended. Ultrasonic bonding is not recommended. 2.) The recommended die attach is Ablebond silver epoxy, the stabilize bake temperature is set at 150C for 45 minutes. 3.) Bond on bond or stitch bond acceptable. 4.) Conductor over conductor acceptable. Conductors must not short.
DSS 005 WD
Phone: (408) 988-1845
Internet: http://www.FiltronicSolidState.com
Fax: (408) 970-9950
Filtronic
Solid State
Mechanical Outline
.5-8GHz MESFET Amplifier
LMA110B
Notes: 1.)Unless Otherwise specified. 2.) All units are in micron (m). 3.) All bond pads are 100 X 100 m2. 4.) Bias pad (VDD) size is 100 X 121.5 m2.
DSS 005 WD
Phone: (408) 988-1845
Internet: http://www.FiltronicSolidState.com
Fax: (408) 970-9950


▲Up To Search▲   

 
Price & Availability of LMA110B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X